PART |
Description |
Maker |
M80-5S2120500-02-313-01-333 |
Datamate 2-Row Mix-Tek Male Horizontal Connector, No jackscrews, 12 x SMT signal contacts, 2 x 3mm PC Tail Coax contact, 1 x 3.5mm PC Tail Power contact 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L10405M4-00-000-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 3.5mm board mount, 4 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contact 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M-80-332 |
DATAMATE MIX-TEK
|
Harwin Plc
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F2-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M83-LFC1F1N60-0000-000 |
JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSEMBLY (60-WAY) Datamate J-Tek 3-Row Female Small Bore Crimp Connector, gold, Hexagonal jackscrews, 3 x 20-way (60)
|
Harwin Plc HARWIN INC
|